PART |
Description |
Maker |
P6EU-XXXXZH30 P6EU P6EU-0505ZH30 P6EU-0509ZH30 P6E |
Input voltage:12V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-15V ( /-34mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-9V ( /-55mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 3KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 3KV isolated 1W unregulated dual output RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:1.0/2.3 Jack; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP6 千伏隔震1W的未稳压双输SIP6
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
P6LU-XXXXZ P6LU-0505Z P6LU-053R3Z P6LU-1205Z P6LU- |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 3KV isolated 1W unregulated dual output 3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 千伏隔震1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH]
|
CMR0505SA3C CMR0505SAP3C4 CMR0515S3C CMR0512S3C |
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
RP03-1205DB RP03-483.3SB RP03-1205SB RP03-1212DB R |
3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output 3瓦特DIP24 3 WATT DIP24 & SMD, SINGLE, DUAL & DUAL ISOLATED OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
GBPC25005W GBPC2501 GBPC2510 GBPC2510W GBPC25005 G |
Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 25A GLASS PASSIVATED BRIDGE RECTIFIER 8 A, 5-V Input Non-Isolated Wide-Output Adjust SIP Module w/Auto-Track 8-SIP MODULE -40 to 85 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 50-A, 8-V to 14-V Input, Non-Isolated, Wide-Output Adjust, Vertical Power Module 21-DIP MODULE -40 to 85 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Isolated Flyback Switching Regulator with 9V Output 25 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
NDH2415SC NDH2412SC |
Isolated 3W Dual Output DC/DC Converters
|
Murata Manufacturing Co...
|
PT4661 |
20-A Dual Output Isolated DC/DC Converter
|
TI
|
5T5.12CD |
Dual Output Isolated DC/DC converter (Out 5
|
Calex Electronics Limited
|
NTA0312M-R NTA0512M-R NTA1212M-R NTA0303M-R NTA050 |
Isolated 1W Dual Output SM DC/DC Converters
|
C&D Technologies
|